PART |
Description |
Maker |
PDU1032H-8MC5 PDU1032H PDU1032H-.5 PDU1032H-.5C5 P |
ACTIVE DELAY LINE, TRUE OUTPUT, CDSO40 ACTIVE DELAY LINE, TRUE OUTPUT, PDSO40 Programmable 5-bit 10K ECL delay line 5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
|
DATA DELAY DEVICES INC DATADELAY[Data Delay Devices, Inc.]
|
R5F1076CGSP R5F1076CMSP R5F107ACGSP R5F107ACMSP R5 |
True Low Power Platform Ultra-Low Power Technology Integrated USB Controller, True Low Power Platform
|
Renesas Electronics Corporation
|
MAX338 MAX3385E MAX3385ECAP MAX3385ECWN MAX3385EEA |
2.35V to 5.5V / 1A / 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins LINE TRANSCEIVER, PDSO20 15kV ESD-Protected / 3.0V to 5.5V / Low-Power / up to 250kbps / True RS-232 Transceiver ±15kV ESD-Protected, 3.0 to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,up to 250kbps, True RS-232 Transceiver 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
5962-9213206MYA 5962-9213206MVA 5962-9213206MXA 59 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors x4 Fast Page Mode DRAM x4快速页面模式的DRAM 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus x4快速页面模式的DRAM
|
Vicor, Corp. Amphenol, Corp.
|
ISPPACCLK5610AV-01TN48C ISPPACCLK5610AV-01TN48I IS |
In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer 5600 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 TQFP-100 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 TQFP-48 CLOCK GENERATOR, ISP, SMD, TQFP48; Frequency, clock:10MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Pins, No. of:48; Case style:TQFP / 48; Base number:5610; Packaging type:Peel Pack; Voltage, Vcc:3.3V; Temperature, RoHS Compliant: Yes In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
5962-8764901ZX 5962-8764903ZX 5962-8764901YA 5962- |
True RMS-to-DC Converters Pin-Programmable Precision Voltage Reference x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
Kingbright, Corp.
|
3D3622D-10 3D3622D-20 |
22-BIT PROGRAMMABLE PULSE GENERATOR PULSE GENERATOR DELAY LINE, TRUE OUTPUT, PDSO14
|
Data Delay Devices, Inc.
|
5962-9214701QSA 5962-9214701QRA 5962-9214701Q2A |
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors Dual 4-Bit Non-Inverting Buffer/Driver 位非反向缓冲驱动 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 位非反向缓冲驱动
|
HIROSE ELECTRIC Co., Ltd. Intersil, Corp.
|
5962-9206103H5X 5962-9206104H5X 5962-9206106H5X 59 |
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers 1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors ±15kV ESD-Protected, 1µA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown 1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 收发 Transceiver 收发
|
Littelfuse, Inc.
|
A3150JLT A3150JUA 3150 A3150LT A3150UA A3150UA-LT |
IC SENSOR TOUCH/PROX 1CHAN 8DIP CAP 0.01UF 1500V 10% X7R SMD-1825 TR-7 PLATED-NI/SN 320 x 240 pixel format, CFL backlight available with power harness PROGRAMMABLE/ CHOPPERSTABILIZED/ HALL-EFFECT SWITCH PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH PROGRAMMABLE CHOPPERSTABILIZED HALL-EFFECT SWITCH
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
|